Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTF Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # BTF
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTF Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  BTF Datasheet HTML 1Page - Apex Electronics Co., Ltd BTF Datasheet HTML 2Page - Apex Electronics Co., Ltd BTF Datasheet HTML 3Page - Apex Electronics Co., Ltd BTF Datasheet HTML 4Page - Apex Electronics Co., Ltd BTF Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTF Series
Toggle switch, multiple circuitry, termination, and caps
05
Q
C
R
MANUAL SOLDERING : Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
6 Amps with resistant load @ 125VAC
3 Amps with resistant load @ 250VAC or 28VDC
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES
M6x0.75 NUT
LOCKWASHER
LOCKING RING
M12x1 NUT
Ø
.472 DIA.
Ø
11.99
.065
1.65
.028
0.70
MNU-1M05
LOCKWASHER
O-RING
Supplied standard with BA1 bushing
Supplied standard with BA1 bushing
.039 THK
1.0
Ø
.625
Ø
15.90
MNU-1M09
Supplied standard with BA1 bushing
FCP-1F04
MNU-1M42
HARDWARE
.315
8.00
.062
1.57
.358
9.10
M6x0.75 THD
0.46
.018 THK
Ø
.425
Ø
10.80
MNU-1M04
MNU-1M03
.551
14.00
.078
2.00
Ø
.630
Ø
16.00
M12x1
Ø
.653
Ø
16.60
Ø
.464
Ø
11.80
.094
2.40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com