Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM Datasheet(PDF) 6 Page - Apex Electronics Co., Ltd

Part # BTM
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTM Datasheet(HTML) 6 Page - Apex Electronics Co., Ltd

Back Button BTM Datasheet HTML 2Page - Apex Electronics Co., Ltd BTM Datasheet HTML 3Page - Apex Electronics Co., Ltd BTM Datasheet HTML 4Page - Apex Electronics Co., Ltd BTM Datasheet HTML 5Page - Apex Electronics Co., Ltd BTM Datasheet HTML 6Page - Apex Electronics Co., Ltd BTM Datasheet HTML 7Page - Apex Electronics Co., Ltd BTM Datasheet HTML 8Page - Apex Electronics Co., Ltd BTM Datasheet HTML 9Page - Apex Electronics Co., Ltd BTM Datasheet HTML 10Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTM Series
Toggle switch, multiple circuitry, termination, and caps
06
B6 HIGH TORQUE
B7 THD STD
B8 METRIC THD
.028
0.71
.040
1.02
Ø
.314
Ø
7.98
.028
0.71
.020
0.51
.040
1.02
.315
8.00
.040
1.02
.350
8.89
.225
5.72
.350
8.90
1/4-40 UNS-2A
M6x0.75 THD
1/4-40 UNS-2A
1/4-40 UNS-2A
.020
0.51
.225
5.72
.296
7.52
Ø
.465
Ø
11.81
.057
1.44
.031
0.80
Use with T6 actuators only
1/4-40
UNS-2A
B9 SPLASH PROOF
B11 THD STD
B12 NON-THD
SEALS
O-Ring
supplied with B9 bushing
CP-1TEB
1/4-40 UNS-2A
Ø
.400
Ø
10.20
.053
1.35
.057
1.44
.297
7.55
.028
0.71
.040
1.02
Ø
.314
Ø
7.98
Ø
.250
Ø
6.35
.040
1.02
.448
11.38
.020
0.51
.031
0.79
.065
1.65
Use with T6 actuators only
.138
3.50
B15 THD STD
B16 NON-THD
B17
15/32-32 UNS-2A
B13
1/4-40 UNS-2A
1/4-40 UNS-2A
Use with T7,T8 actuators only
B13 Bear strength from top of actuator
up to 10kg aside up to 15kg
.225
5.72
.297
7.55
.057
1.44
Ø
.314
Ø
7.98
.350
8.89
.028
0.71
.040
1.02
.280
7.10
.028
0.71
.040
1.02
.020
0.51
.296
7.52
.040
1.02
Ø
.314
Ø
7.98
.225
5.72
B3 THD
B4 NON-THD
B5 HIGH TORQUE
B1 THD STD
B2 NON-THD
1/4-40 UNS-2A
B4 is standard for M6,
M7 and VS2~5 termination
options.
1/4-40 UNS-2A
1/4-40 UNS-2A
BUSHING OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com