Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM Datasheet(PDF) 7 Page - Apex Electronics Co., Ltd

Part # BTM
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTM Datasheet(HTML) 7 Page - Apex Electronics Co., Ltd

Back Button BTM Datasheet HTML 3Page - Apex Electronics Co., Ltd BTM Datasheet HTML 4Page - Apex Electronics Co., Ltd BTM Datasheet HTML 5Page - Apex Electronics Co., Ltd BTM Datasheet HTML 6Page - Apex Electronics Co., Ltd BTM Datasheet HTML 7Page - Apex Electronics Co., Ltd BTM Datasheet HTML 8Page - Apex Electronics Co., Ltd BTM Datasheet HTML 9Page - Apex Electronics Co., Ltd BTM Datasheet HTML 10Page - Apex Electronics Co., Ltd BTM Datasheet HTML 11Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTM Series
Toggle switch, multiple circuitry, termination, and caps
07
.022
0.55
Ø
.250
Ø
6.35
.033
0.85
Ø
.250
Ø
6.35
.234
5.95
Ø
.469
Ø
11.91
Ø
.150
Ø
3.81
.378
9.60
Ø
.469
Ø
11.91
.065
1.65
.031
0.79
.240
6.10
Ø
.250
Ø
6.35
Ø
.094
Ø
2.38
1/4 IN BUSHING
15/32 IN BUSHING
SPLASH PROOF BUSHING
.440
11.1
Ø
.492
Ø
12.5
Without locking ring (Keyway)
Without locking ring (Flat)
With standard locking ring.
.248
6.30
Ø
.250
Ø
6.35
Ø
.094
Ø
2.40
.028
0.70
Ø
.250
Ø
6.35
.031
0.80
METRIC BUSHING
Without locking ring (Keyway)
With standard locking ring.
Without locking ring (Keyway)
Without locking ring (Flat)
With standard locking ring.
PANEL MOUNTING
.065
1.65
.031
0.79
.031
0.79
.065
1.65
.020
0.51
.448
11.38
.020
0.51
.448
11.38
POM
POM
B18 , B20 Bear strength from top of actuator up to 20kg aside up to 15kg
Ø
.748
Ø
19.00
Use with T7 , T8 actuators only
.350
8.90
.118
3.00
Use with T7,T8 and TA actuators only
with Plastic (POM) Insert
Use with T7,T8 and TA actuators only
with Plastic (POM) Insert
15/32-32 UNS-2A
15/32-32 UNS-2A
B18
B20
B14 SPLASH PROOF
15/32-32 UNS-2A
.429
10.90
.020
0.51
CP-T1XX
CAP Color :
Use with T1 actuator
1
2
3
5
6
7
9
Red
White
Black (Std)
Green
Blue
Yellow
COLOR
Gray
ITEM NO
OPTIONAL TOGGLE CAP
.453
11.50
*
Besides standard color,
other colors need to check stocks available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com