Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK1 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # CK1
Description  Pushbutton switch, 1 or 2-phase click, crane control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

CK1 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  CK1 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
CK1 Series
Pushbutton switch, 1 or 2-phase click, crane control
01
Features
‧
One or two phase click (SPST, SPDT)
Long actuation travel
Dust-proof
Custom options available
‧
‧
‧
‧
Applications
Key switches of crane remote controller or industrial control
Diagram
Large actuation surface in square shape
Specification
Material
.118
3.00
.417
10.60
.488
12.40
.488
12.40
.177
4.5
.177
4.5
.100
2.54
Ø
.051
Ø
1.3
Ø
.043
Ø
1.1
Ø
.059
Ø
1.5
.047
1.20
P.C.B. MOUNTING
.173
4.4
.173
4.4
.035x.015
0.9x0.4
2
3
Operating position (8.9)
2
3
SPST Circuit
P/N: CK1-SPST
.488
12.40
.488
12.40
.118
3.00
.417
10.60
Operating position 1 (9.7)
Operating position 2 (8.9)
.047
1.20
.035x.007
0.9x0.2
.035x.015
0.9x0.4
.102
2.60
.177
4.5
.177
4.5
.100
2.54
Ø
.051
Ø
1.3
Ø
.043
Ø
1.1
Ø
.059
Ø
1.5
.100
2.54
P.C.B. MOUNTING
.173
4.4
.173
4.4
1 2
3
2
1 3
SPDT Circuit
P/N: CK1-SPDT
Cap
Housing
Spring
Contactor
Terminal
POM, Black
PA with grass
fiber
Piano Wire
Silver plated
Brass
Silver plated
Brass
Operating Temperature
-40°C to +95°C
Operating Force
SPST: 4.9±1.5N
SPDT: 5±1N (Position 1), 11.5±1.5N(Position 2)
Power Rating
30mA@28VDC
Life Cycle
20,000
Travel
2.0mm


Similar Part No. - CK1

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
CK1 CHAUVINARNOUX-CK1 Datasheet
2Mb / 8P
Logger contact thermometers
logo
List of Unclassifed Man...
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
Continental Device Indi...
CK100 CDIL-CK100 Datasheet
47Kb / 3P
NPN SILICON PLANAR TRANSISTORS
logo
Power-One
CK1001-7R POWER-ONE-CK1001-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Continental Device Indi...
CK100A CDIL-CK100A Datasheet
47Kb / 3P
NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - CK1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Schurter Inc.
6765 SCHURTER-6765 Datasheet
453Kb / 4P
IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Schneider Electric
ABL8MEM24012 SCHNEIDER-ABL8MEM24012 Datasheet
124Kb / 5P
Regulated Switch Power Supply, 1 or 2-phase, 100..240V AC, 24V, 1.2 A
JAN 07, 2021
ABL8RPM24200 SCHNEIDER-ABL8RPM24200 Datasheet
255Kb / 9P
Regulated Switch Power Supply, 1 or 2-phase, 100..240V, 24V, 20 A
Jun 3, 2021
logo
Texas Instruments
TMUXHS221LV TI1-TMUXHS221LV Datasheet
1Mb / 23P
TMUXHS221LV USB 2.0 480Mbps 2:1 or 1:2 Multiplexer or Demultiplexer Switch
JULY 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com