Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK2 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # CK2
Description  Pushbutton switch, optional illumination, 1 or 2-phase click, crane control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

CK2 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  CK2 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
CK2 Series
Pushbutton switch, optional illumination, 1 or 2-phase click, crane control
01
Product Features
‧
500,000 opertional life
Custom options available
‧
Specification
Operating Temperature
-40°C to +85°C
Operating Force
Force1: 5~7N;Force2: 10~13N
Travel
2.0mm
Operating Speed
10mm/sec
Power Rating
28 VDC at 30mA
Operating Frequency
25-30 operation cycles per minute
Electric Life
20,000
Dielectrical Strength
100VAC for 1-minute
Life Cycle
500,000
CIRCUIT
Drawing
Ø
11.5
R2.9
12.40
12.40
3.00
10.6
1.20
2.60
2.20
0.9x0.2
0.9x0.4
0.5x0.2
0.9x0.2
LED Pin
SPST
Model Name. CK2F11-H-F-3
SPDT
Model Name. CK2F12-H-F-3
SPDT
2
1
3
+
–
SPST
2
3
+
–
P.C. MOUNTING t=1.5
3-Ø1.30
2.54
2-Ø1.50
Ø
1.10
2-Ø1.00
4.5
4.5
4.4
2.54
2.0
2.0
4.4
TOP VIEW
1 2 3
Part Number
CK2
Series
1 White(STD)
Cap color
F
Flat
Cap type
SPST
2
SPDT
Circuit type
1
High life
Machanical life
H
Gold flash
Terminal plating
F
Without LED
1
White
LED color
0
Red
5
Yellow
3
Green
7
Blue
6
Materials
Materials
Dust protection cap
Case
Spring
Contact
Terminal
POM
PA Nature glass
fiber reinforced
Piano Wire
Brass
Gold plated
Brass
Gold flash plated
Pusher
POM Natural


Similar Part No. - CK2

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
CK2 CHAUVINARNOUX-CK2 Datasheet
2Mb / 8P
Logger contact thermometers
logo
PHOENIX CONTACT
CK2-5-EWZ PHOENIX-CK2-5-EWZ Datasheet
76Kb / 2P
Contact removal tool, for turned and rolled CK- 2.5-... contacts
logo
List of Unclassifed Man...
CK2020 ETC-CK2020 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CK203026 ETC-CK203026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CK203060 ETC-CK203060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CK2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
Vincotech
V23990-P590-J09-PM VINCOTECH-V23990-P590-J09-PM Datasheet
2Mb / 23P
1 or 3 phase rectifier (optional half controlled)
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Schneider Electric
ABL8RPM24200 SCHNEIDER-ABL8RPM24200 Datasheet
255Kb / 9P
Regulated Switch Power Supply, 1 or 2-phase, 100..240V, 24V, 20 A
Jun 3, 2021
logo
Texas Instruments
TMUXHS221LV TI1-TMUXHS221LV Datasheet
1Mb / 23P
TMUXHS221LV USB 2.0 480Mbps 2:1 or 1:2 Multiplexer or Demultiplexer Switch
JULY 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com