Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DB1
Description  13*13mm detector switch, through hole, normal open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DB1 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DB1 Datasheet HTML 1Page - Apex Electronics Co., Ltd DB1 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
10,000
20mV, 20VDC
250 VAC for 1 minute
Materials
Materials
Housing
Cover
Actuator
Contact
Terminal
LCP
LCP
LCP
Gold plated Brass
Gold plated Brass
Part Name
Material
Robust packaging
Gold plating for durability
Long-travel
RoHS Compliant
Product Features
01
DB1 Series
-30°C ~ 85°C
13*13mm detector switch, through hole, normal open
Specification
250±50 gram max.
Part Number
DB1
Series
Free Position
A 10.1mm
B
8.6mm
C
9.1mm


Similar Part No. - DB1

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB100 SURGE-DB100 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Carling Technologies
DB100-PB-B CARLINGTECH-DB100-PB-B Datasheet
294Kb / 2P
Single Pole Toggle Switches
logo
DIOTEC Electronics Corp...
DB1000 DEC-DB1000 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
DB1001 DEC-DB1001 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
DB1002 DEC-DB1002 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
Detector Switch
logo
CTS Corporation
209-12MSTFD CTS-209-12MSTFD Datasheet
307Kb / 2P
Through Hole DIP Switch
206-124 CTS-206-124 Datasheet
450Kb / 4P
Through Hole DIP Switch
206-221 CTS-206-221 Datasheet
386Kb / 4P
Through Hole DIP Switch
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
List of Unclassifed Man...
LJ12A3-4-Z ETC2-LJ12A3-4-Z Datasheet
145Kb / 1P
NPN, 3 WIRE, NO (NORMAL OPEN)
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com