Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2377 Datasheet(PDF) 1 Page - Texas Instruments

Part # 2377
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

2377 Datasheet(HTML) 1 Page - Texas Instruments

  2377 Datasheet HTML 1Page - Texas Instruments 2377 Datasheet HTML 2Page - Texas Instruments 2377 Datasheet HTML 3Page - Texas Instruments 2377 Datasheet HTML 4Page - Texas Instruments 2377 Datasheet HTML 5Page - Texas Instruments 2377 Datasheet HTML 6Page - Texas Instruments 2377 Datasheet HTML 7Page - Texas Instruments 2377 Datasheet HTML 8Page - Texas Instruments 2377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
D−8
PW−8
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
VDD
Input
Current
VRTN
V
Detect
Classify
Power Up
and
Inrush
Class 3
(PG-RTN)
Note: All Voltages With Respect to VSS.
Current
RX
Pair
CLASS
DET
RTN
PG
1
3
6
4
5
7
8
ILIM
2
RJ-45
DF01S
2 Places
Data to
Ethernet PHY
Data to
Ethernet PHY
Notes:
1) Class 3 PD depicted
2) PG pullup resistor is optional.
TX
Pair
Spare
Pair
Spare
Pair
TPS2375-1
TPS2377-1
SLVS570 – MARCH 2005
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
•
VoIP Phones
•
Auto-Retry After Current-Limit Fault
•
WLAN Access Points
•
TPS2375-1: IEEE 802.3af Thresholds
•
Security Cameras
•
TPS2377-1: Legacy Thresholds
•
Internet Appliances
•
Fully Supports IEEE 802.3af Specification
•
POS Terminals
•
Integrated 0.58-
Ω, 100-V, Low-Side Switch
•
15-kV System Level ESD Capable
PRODUCT SELECTOR
•
Programmable Inrush Current Control
2375-1
2377-1
2375
2376
2377
•
Fixed 450-mA Current Limit
UVLO
802.3af
Legacy
802.3af
Adjustable
Legacy
Protection
Auto-Retry
Auto-Retry
Latch
Latch
Latch
•
Open-Drain, Power-Good Reporting
Package
PW
D
D, PW
D,PW
D,PW
•
Industrial Temperature Range: -40
°C to 85°C
•
8-Pin SOIC and TSSOP Packages
These easy-to-use 8-pin integrated circuits contain all of the features needed to develop an IEEE
802.3af-compliant powered device (PD). The TPS2375-1 and TPS2377-1 are second generation PDCs (PD
Controllers) featuring a 100-V ratings and true open-drain, power-good function. These devices are auto-retry
versions of selected TPS2375 family members. Information on the TPS2375/6/7 devices can be found on the
TPS2375/6/7 data sheet (SLVS525A).
In addition to the basic functions of detection, classification, and undervoltage lockout (UVLO), these controllers
include an adjustable inrush limiting feature. The TPS2375-1 has 802.3af-compliant UVLO limits, and the
TPS2377-1 has legacy UVLO limits.
The TPS2375 family specifications incorporate a voltage offset of 1.5 V between its limits and the IEEE 802.3af
specifications to accommodate the required input diode bridges used to make the PD polarity insensitive.
Additional resources can be found on the TI Web site www.ti.com.
Figure 1. Typical Application Circuit and Start-Up Waveforms
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 2377

ManufacturerPart #DatasheetDescription
logo
Heyco.
2377 HEYCO-2377 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
KR Electronics, Inc.
2377-1 KR-2377-1 Datasheet
22Kb / 1P
Bandpass Filter
2377-2 KR-2377-2 Datasheet
23Kb / 1P
Bandpass Filter
2377-3 KR-2377-3 Datasheet
20Kb / 1P
Bandpass Filter
logo
Bourns Electronic Solut...
2377-45-BC BOURNS-2377-45-BC Datasheet
228Kb / 2P
MSP Maximum Duty Station Protector
More results

Similar Description - 2377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com