Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP16L Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # MP16L
Description  Metal pushbutton switch, IP67, Illumination, push to lock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP16L Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  MP16L Datasheet HTML 1Page - Apex Electronics Co., Ltd MP16L Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
MP16L Series
Metal pushbutton switch, IP67, Illumination, push to lock
DIMENSION
E Ring
Part No. Shown : MP16L-CARE-
-JR-3V
P Power logo
Part No. Shown : MP16L-CARP-
-JR-3V
M16x1.0
Ø
0.47
Ø
11.90
Ø
0.73
Ø
18.50
Ø
0.41
Ø
10.50
RING ILLUMINATED
POWER LOGO
ILLUMINATED
0.18
4.50
1.04
26.3
0.08
2.00
0.02
0.50
0.77
19.60
0.09
2.20
0.02
0.40
0.17
4.20
0.18
4.55
0.60 0.00
-0.004
15.30 0.00
-0.10
0.37
9.40
EPOXYx4
FLAT
Ø
0.47
Ø
11.90
Ø
0.73
Ø
18.50
Ø
0.41
Ø
10.50
RING ILLUMINATED
0.18
4.50
1.04
26.30
0.08
2.00
0.02
0.50
0.77
19.60
0.09
2.20
0.02
0.40
0.17
4.20
0.18
4.55
0.60 0.00
-0.004
15.30 0.00
-0.10
0.37
9.40
EPOXYx4
FLAT
RED
(OFF)
GREEN
(ON)
(OFF)
GREEN
(ON)
1
2
1
2
Push-OFF,Without light
Push-ON,LED Green light(Latching)
*
Push-OFF,LED Red light
Push-ON,LED Green light(Latching)
Panel Thickness 6.0mm Max.
Ø
0.49
Ø
12.60
Ø
0.63 +0.008
0.00
Ø
16.00 +0.20
0.00
0.61 +0.008
0.00
15.40 +0.20
0.00
NUT
0.75
19.00
0.12
3.00
O-RING
Ø
0.04
Ø
1.00
HARDWARE
PANEL CUTOUT
Single Color Led
Dual Color Led
SCHEMATIC / PANEL CUTOUT / HARDWARE
SCHEMATIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com