Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP16L Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MP16L
Description  Metal pushbutton switch, IP67, Illumination, push to lock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP16L Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MP16L Datasheet HTML 1Page - Apex Electronics Co., Ltd MP16L Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
MP16L Series
Metal pushbutton switch, IP67, Illumination, push to lock
MP16L
SPECIFICATIONS
RATING : 2A/36VDC.
ELECTRICAL LIFE : 100,000 Make-And-Break Cycles At Full Load.
INSULATION RESISTANCE :
DIELECTRIC STRENGTH : 2,000V RMS@sea level.
CONTACT RESISTANCE :
OPERATION TEMPERATURE : -20°C~+70°C
TRAVEL: About 2.3mm.
OPERATION PRESSURE : 4.5N±1.5N
INGRESS PROTECTION : IP67
TORQUE : 11.5 kgf.cm
THICKNESS :
CAP Keeps same high.
Current limiting resistor is required to limit LED forward current
to 20mA.
HOW TO ORDER
MODEL NO.
BODY
TYPE
LED
COLOR
BUTTON
TYPE
LIGHT
TYPE
LED
VOLTAGE
TERMINAL
SHAPE
TERMINAL
PLATING
Accessories
Resistance
3V
LED Input Voltage 3VDC
Button type
R Round
Light type
E
P
Ring
Power logo
V
R
Body type
CA
CB
AL alloy
(Natural Anodized
AL alloy
36
01
Bi color led
Single color led
03
05
06
07
Red
White
Green
Blue
37
71
Red&Blue
Blue&White
Yellow
COLOR
ITEM NO
LED color
Terminal plating
R Gold flash
J
T1
Solder terminal
Wire length 500mm
Terminal shape
MATERIALS
BUSHING : Aluminum alloy,Anodized.
BASE : Nylon 6/6.
ACTUATOR : Nylon 6/6.
CAP : PC,Aluminum alloy,Anodized.
SPRING : Steel.
SEALING : Sillicone.
O-Ring : Sillicone.
TERMINAL : Brass,Coin silver,Gold falsh plated.
CONTACT : Brass,Coin silver,Gold falsh plated.
NUT :
EXAMPLE:
MP16L-CARE-
-JR-3V
LED color
Red&Green
※
OFF=Without light
ON=LED Blue light
:
07
※
:
36
12V
24V
※
ohms value of resistance
tolerance: ±5%


Similar Part No. - MP16L

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
MP16 APEX-ELECTRONICS-MP16 Datasheet
749Kb / 4P
Metal pushbutton switch, 1M cycles, IP67
MP16-CARE-0-JR APEX-ELECTRONICS-MP16-CARE-0-JR Datasheet
749Kb / 4P
Metal pushbutton switch, 1M cycles, IP67
MP16-CARE-0-TLR APEX-ELECTRONICS-MP16-CARE-0-TLR Datasheet
749Kb / 4P
Metal pushbutton switch, 1M cycles, IP67
MP16-CARE-1-JR APEX-ELECTRONICS-MP16-CARE-1-JR Datasheet
749Kb / 4P
Metal pushbutton switch, 1M cycles, IP67
MP16-CARE-1-TLR APEX-ELECTRONICS-MP16-CARE-1-TLR Datasheet
749Kb / 4P
Metal pushbutton switch, 1M cycles, IP67
More results

Similar Description - MP16L

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
Adam Technologies, Inc.
MMI-M0FGXXSXX-IP67 ADAM-TECH-MMI-M0FGXXSXX-IP67 Datasheet
129Kb / 1P
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 0, SOLDER TERMINAL, IP67
MMI-M0PGXXSXX-IP67 ADAM-TECH-MMI-M0PGXXSXX-IP67 Datasheet
134Kb / 1P
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 0, SOLDER TERMINAL, IP67
MMI-M1FGXXSXX-IP67 ADAM-TECH-MMI-M1FGXXSXX-IP67 Datasheet
145Kb / 1P
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, IP67
logo
Lorlin Electronics Ltd.
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com