Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP25 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # MP25
Description  Mtal pushbutton switch, 1 million cycles, IP67, IK08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP25 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  MP25 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com


03
DIMENSION
Model name. MP25-A0F10E-112-JQ
Flat button
M25x1.0
3
2
1
(–)
(+)
Ø
.62
Ø
15.70
1.08
27.4
1.39
35.2
.08
2.00
.02
0.50
.11
2.8
.20
5.0
Actuator
Ø
.78
Ø
19.80
Ø
1.10
Ø
28.00
Illuminated ring
.51
13.00
.11
2.75
Flat button
Model name. MP25-D0F20E1-112-JQ
Ø
.62
Ø
15.70
1.08
27.4
1.39
35.2
.08
2.00
.11
2.8
.20
5.0
Actuator
3
2
1
6
5
4
(–)
(+)
M25x1.0
Illuminated
power logo
.02
0.50
.51
13.00
.11
2.75
.93
23.50
Ø
.78
Ø
19.80
Ø
1.10
Ø
28.00
Illuminated ring
TERMINAL OPTIONS
PANEL MOUNTING
J Solder terminal (std)
.11
2.8
0.20
5.0
.28
7.2
.31
7.8
.51
13.0
.11
2.75
.02
0.5
S Short solder terminal
.11
2.75
.02
0.5
.12
3.1
.02
5.00
.08
2.00
Ø
.047
Ø
1.20
.51
13.0
.929
23.60
Ø
.984
Ø
25.00
Ø
.984
Ø
25.00
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
Panel thickness:
.394inch(10.0 mm) MAX.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com