Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP25 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # MP25
Description  Mtal pushbutton switch, 1 million cycles, IP67, IK08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP25 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  MP25 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP25 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com


04
WIRE OPTIONS
HARDWARE
PANEL MOUNTING
Heat shrink tube
TX Wire leads UL3385 18 AWG (Flying lead Terminal)
D1 Molding, 500mm wire leads UL3385 18 AWG
Please consult sales for additional wire options.
Wires:
Yellow wire - Terminal 1 and 4
Purple wire - Terminal 2 and 5
Green wire - Terminal 3 and 6
Red wire - LED (+) Positive
Black wire - LED (-) Negative
.67 MAX.
17 MAX.
MOLDING
.98 REF.
25.0 REF.
.59 MAX.
15 MAX.
1.77
45.0
19.7±.39
500±10
Heat shrink tube
Heat shrink tube
Wire and tinned
500
1000
1500
T1
2000
T4
T2
T3
CODE
DIM ”L”
Wires
DIM ”L”
1.97±.39
50±10
1.97±.39
50±10
1.77±.20
45±5
(–)
(+)
3
2
1
6
5
4
Units: mm
O-RING (Std.)
Model name. FCP-MP25
NUT (Std.)
Model name. MNU-MP03
Standard hardware : 1 nut, 1 O-ring
For further information please consult sales representatity.
1.10
28.0
M25x1.0
.12
3.10
Ø
.89
Ø
22.30
.06
1.50
O-RING
O-RING
l
e
n
a
p
e
h
t
d
n
i
h
e
B
l
e
n
a
p
e
h
t
f
o
t
n
o
rf
n
I
Proposal
Installation
Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com