Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT19 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # MPT19
Description  Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MPT19 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  MPT19 Datasheet HTML 1Page - Apex Electronics Co., Ltd MPT19 Datasheet HTML 2Page - Apex Electronics Co., Ltd MPT19 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
MPT19 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
.690
17.50
.345
8.75
M19x1.0
M19x1.0
M19x1.0
.624
15.85
.624
15.85
.624
15.85
.080
2.00
.080
2.00
.080
2.00
Ø
.870
Ø
22.00
Ø
.870
Ø
22.00
Ø
.870
Ø
22.00
Ø
.510
Ø
13.00
Ø
.510
Ø
13.00
Ø
.610
Ø
15.50
Ring illuminated
Power logo
illuminated
Actuator
Actuator
Actuator
Ø
.610
Ø
15.50
Ø
.610
Ø
15.50
BODY TYPE
LIGHT TYPE
Ø
.756 +.008
-.0
Ø
19.20 +0.20
-0.00
.700
17.70
Ø
.748
+.008
-.0
Ø
19.00
+0.20
-0.00
.348
8.85
Ø
.756 +.008
-.0
Ø
19.20+0.20
-0.00
Thickness: 6.0mm(Max.)
PANEL CUTOUT
Single Color Led
d
e
L
r
o
l
o
C
l
a
u
D
d
e
L
t
u
o
h
ti
W
CIRCUIT
1
2
1
2
Green
Red
1
2
According to the input voltage
adjustment resistance
According to the input voltage
adjustment resistance
Double flat
Non-flat
D Shape
e
p
a
h
S
D
t
a
lf
-
n
o
N
t
a
lf
e
l
b
u
o
D
N Without LED
P Power+Ring
E Ring
Ring illuminated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com