Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT19 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MPT19
Description  Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MPT19 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MPT19 Datasheet HTML 1Page - Apex Electronics Co., Ltd MPT19 Datasheet HTML 2Page - Apex Electronics Co., Ltd MPT19 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
MPT19 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
SPECIFICATIONS
RATING : 2A/36VDC
ELECTRICAL LIFE: 200,000 make-and-break cycles at full load.
MECHANICAL LIFE: 1,000,000. Cycles
DIELECTRIC STRENGTH: 2,000V RMS@sea level
CONTACT RESISTANCE:
OPERATING TEMPERATURE: -20°C to 70°C
TRAVEL: ABOUT 1.8±0.2mm
OPERATION PRESSURE: 4.5±1.5N
INGRESS PROTECTION:
TORQUE: 1~3Nm
Current limiting resistor is required to limit led forward current to
20mA
HOW TO ORDER
MATERIALS
BUSHING : Stainless Steel
BASE : PA66,White UL-94V0
ACTUATOR : PC,Translucent UL-94V2
Stainless Steel
INNER ASSEMBLY : PC,Transparent UL-94V2
SPRING : Spring steel
SEALING : Sillicone,Translucent
O-Ring : Sillicone,Black
TERMINAL : Brass ,Gold flash plated
CONTACT : Brass,Sliver alloy
HEX NUT : Brass,Nickel plated
MPT19
MODEL NO.
BODY
MATERIAL
BUTTON
TYPE
LIGHT
TYPE
LED
COLOR
BODY
TYPE
LED
VOLTAGE
WIRE
TERMINAL
SHAPE
TERMINAL
PLATING
J Solder terminal
Terminal shape
Terminal plating
R Gold flash
LED Color
Body Material
A0
Body type
1
2
3
Double flat
Non-flat
D Shape
Button type
F Flat
Light type
N
E
P
Without LED
Ring
Power+Ring
1
3
5
6
7
Red
White
0
Without LED
Green
Blue
Yellow
COLOR
ITEM NO
DUAL COLOR LED
Red&Green
A
Red&Blue
B
Accessories
Resistance
0V Without Resistance
3V *Red/Yellow/Orange LED
type only
6V
12V
24V
※
ohms value of resistance
tolerance: ±5%
L0001
Without wire
Wire length 500mm
Wire
EXAMPLE:
MPT19-A01FN-0-JR-0V (Without LED, Wire)
MPT19-A01FE-3-JR-12V-L0001(With LED, Wire)


Similar Part No. - MPT19

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MPT1015-1R0H1 DELTA-MPT1015-1R0H1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT1015-3R3H1 DELTA-MPT1015-3R3H1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT1015-4R7H1 DELTA-MPT1015-4R7H1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT1015-R68H1 DELTA-MPT1015-R68H1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT1015-R82H1 DELTA-MPT1015-R82H1 Datasheet
52Kb / 1P
Mechanical dimensions
More results

Similar Description - MPT19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
75,000 to 1 Million System Gates
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com