Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRPS01A Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # HRPS01A
Description  Pushbutton switch, right angle, illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

HRPS01A Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  HRPS01A Datasheet HTML 1Page - Apex Electronics Co., Ltd HRPS01A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
HRPS Series
Pushbutton switch, right angle, illumination
01
SPECIFICATIONS
RATING MIN/MAX: 0.1mA-100mA, 20VDC-32VDC
MAX POWER: 1.0VA
CONTACT RESISTANCE:
INSULATION RESISTANCE:
DIELECTRIC STRENGTH:
OPERATING LIFE: 25,000 cycles
OPERATING TEMPERATURE:
OPERATING FORCE: 400±120gf
TOTAL TRAVELS: 2.4mm±0.3
MATERIALS
CASE: LCP
ACTUATOR:
SPACER:
CONTACT / TERMINALS:
HRPS
HRPSA
HOW TO ORDER
White
Red
Amber
DUAL COLOR LED
01
00
06
07
0A
03
36
56
7A
COLOR
ITEM NO
2
4
A
C
1
2
3
1
3
4
L1
L2
.084
2.15
.084
2.15
.275
7
.161
4.1
.007
0.2
Ø
.053
Ø
1.35
Ø
.031
Ø
0.80
1
A
3
2
C
4
12
02
A
B
C
1
2
A
4
C
1
2
A
3
P.C.B MOUNTING / CIRCUIT


Similar Part No. - HRPS01A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
HRPSD12HI LITTELFUSE-HRPSD12HI Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
More results

Similar Description - HRPS01A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
Right Angle Illuminated Latching Pushbutton
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
Right Angle Illuminated Latching Pushbutton
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
Touch-Sensitive Switch with LED Illumination
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
Right Angle Illuminated Latching Pushbutton
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
logo
E-SWITCH
TL1270 E-SWITCH-TL1270 Datasheet
703Kb / 2P
LED Illumination, Tape & Reel packaging, Right angle design
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
Right Angle Illuminated Latching Pushbutton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com