Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM40N120PCT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SCM40N120PCT
Description  1200V /40 mΩ N-channel SiC Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCM40N120PCT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SCM40N120PCT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (Ta = 25 °C)
Symbol
Parameter
Min.
Typ.
Max. Units
Test Condition
V(BR)DSS Drain-Source
breakdown voltage
1200
-
-
V
VGS = 0V, ID=250uA
IDSS
Zero gate voltage
drain current
-
2.8
5.6
30
-
uA
VDS=1200V, VGS = 0V,Tj= 25 °C
VDS=1200V, VGS = 0V,Tj=150 °C
RDS(on)
Drain-Source
on-state resistance
-
40
65
52
mΩ VGS = 18V, ID =27.5A, Tj= 25 °C
VGS = 18V, ID =27.5A, Tj= 125°C
VGS(th)
Gate threshold voltage
2.0
-
3.0
V
VDS = 10V, ID = 5 mA
IGSS+
Gate-Source
leakage current
-
-
100
nA
VGD = 20V, VDS = 0V
IGSS-
Gate-Source
leakage current
-
-
-100
nA
VGD = -4V, VDS = 0V
RG
Gate resistance
-
4.0
-
Ω
f = 1MHz, open drain
SCM40N120PCT
Electrical Characteristics (Ta = 25 °C)
Symbol
Parameter
Min.
Typ.
Max. Units
Test Condition
Ciss
Input capacitance
-
2600
-
pF
VGS = 0V,
VDS = 800V,
f = 1MHz
Coss
Output capacitance
-
100
-
pF
Crss
Reverse capacitance
-
16
-
pF
Qg
Total gate charge
-
150
-
nC
VDD = 600V
ID = 27.5A
VGS = 18V
Qgs
Gate to source charge
-
23
-
nC
Qgd
Gate to drain charge
-
68
-
nC
Body diode Electrical Characteristics (Ta = 25 °C)
Symbol
Parameter
Min.
Typ.
Max. Units
Test Condition
IS
Body diode continuous,
forward current
-
-
55
A
VSD
Diode forward voltage
-
4
-
V
VGS = 0V, IS = 27.5A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com