Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM40N120PCT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SCM40N120PCT
Description  1200V /40 mΩ N-channel SiC Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCM40N120PCT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SCM40N120PCT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . SCM40N120PCT Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1200V /40 mΩ N-channel SiC Power MOSFET
SCM40N120PCT
Features
Low on-resistance RDS(on)
Best thermal conductivity and behavior
High speed switching
High robustness of dv/dt
Low capacitances and low gate charge
Low gate resistance for high-frequency switching
Easy to parallel
Halogen Free, RoHS Compliant
Applications
Switching mode power supply
PV inverter
Uninterruptible Power Supply
Motor Drives
DC/DC converters
EV charging
TO-247
1
2
3
Circuit Diagram
2
3
1:
2:
3:
*1:
Gate
Drain
Source
Body Diode
1
*1
Absolute Maximum Rating (Ta = 25°C)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source voltage
1200
V
VGSS
Gate-Source voltage (DC)
-4 to 20
V
ID
Continuous Drain Current
55
A
Tj
Junction temperature
175
°
C
TSTG
Storage temperature
-55/+175
°
C
PD
Power dissipation
288
W
Thermal characteristics
Symbol
Parameter
Typ.
Typ.
Units
Rth (JC)
Thermal resistance, junction-case
0.4
0.52
°C /W


Similar Part No. - SCM40N120PCT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCM40N120PS GWSEMI-SCM40N120PS Datasheet
451Kb / 5P
1200V /40 mΩ N-channel SiC Power MOSFET
More results

Similar Description - SCM40N120PCT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
MSC750SMA170SA MICROCHIP-MSC750SMA170SA Datasheet
5Mb / 15P
1700 V 750 mΩ SiC N-Channel Power MOSFET
03/2022 Revision A
logo
UN Semiconducctor INC
UNC1K203N078-T47-4 UNSEMI-UNC1K203N078-T47-4 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47-4 UNSEMI-UNC1K207N043-T47-4 Datasheet
4Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47-4 UNSEMI-UNC1K211N016-T47-4 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47 UNSEMI-UNC1K211N016-T47 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com