Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS265D8 Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS265D8
Description  650V/2A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS265D8 Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  SCS265D8 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCS265D8
DFN8
PACKAGE OUTLINE
x8
Package Dimensions
Symbol
Dimensions In Millimeters
Min.
NOM.
Max.
A
0.90
1.00
1.10
A1
0.00
-
0.05
b
0.90
1.00
1.10
c
0.10
0.20
0.30
D
7.90
8.00
8.10
D1
7.10
7.20
7.30
E
7.90
8.00
8.10
E1
4.25
4.35
4.45
E2
2.65
2.75
2.85
E3
0.30
0.40
0.50
e
2.00 BSC
L
0.40
0.50
0.60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com