Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS265D8 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS265D8
Description  650V/2A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS265D8 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SCS265D8 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS265D8 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin Configuration
4 3 2 1
5
3,4
3: Anode
4: Anode
5: Cathode
5
SCS265D8
Features
Low Forward Voltage (VF)
Shorter recovery time
High speed switching
High surge current capability
Enabling higher frequency and increased
DFN8x8
power density
System efficiency improvement
System cost and size savings due to the reduced cooling requirements
Applications
Power Factor Correction in SMPS
Uninterruptible Power Supply
Motor Drives
AC/DC Converters
Circuit Diagram
Absolute Maximum Rating
Symbol
Parameter
Value
Unit
Test Condition
VRM
Repetitive peak reverse voltage
650
V TC = 25°C
IF
Continuous forward current
2
A TC = 135°C
IFSM
Surge non-repetitive forward current
32
A TC = 25°C, tp=10ms, Sine half wave
Tj
Junction temperature
175
°
C
TSTG
Storage temperature
-55/+175 °C
650V/2A SiC Schottky Barrier Diode
Halogen Free, RoHS Compliant


Similar Part No. - SCS265D8

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS265D GWSEMI-SCS265D Datasheet
366Kb / 4P
650V/2A SiC Schottky Barrier Diode
More results

Similar Description - SCS265D8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC02C60 CITC-SIC02C60 Datasheet
738Kb / 4P
2A SiC Schottky Diode
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
16A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com