Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 57Page - Texas Instruments TMS320VC5402 Datasheet HTML 58Page - Texas Instruments TMS320VC5402 Datasheet HTML 59Page - Texas Instruments TMS320VC5402 Datasheet HTML 60Page - Texas Instruments TMS320VC5402 Datasheet HTML 61Page - Texas Instruments TMS320VC5402 Datasheet HTML 62Page - Texas Instruments TMS320VC5402 Datasheet HTML 63Page - Texas Instruments TMS320VC5402 Datasheet HTML 64Page - Texas Instruments TMS320VC5402 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
61
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
HPI8 timing
switching characteristics over recommended operating conditions†‡§¶ [H = 0.5tc(CO)]
(see Figure 35, Figure 36, Figure 37, and Figure 38)
PARAMETER
MIN
MAX
UNIT
ten(DSL-HD)
Enable time, HD driven from DS low
2
16
ns
Case 1a: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) < 18H
18H+16 – tw(DSH)
Case 1b: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) ≥ 18H
16
td(DSL HDV1)
Delay time, DS low to HDx valid for
Case 1c: Memory access when
DMAC is active in 32-bit mode and
tw(DSH) < 26H
26H+16 – tw(DSH)
ns
td(DSL-HDV1)
Delay time, DS low to HDx valid for
first byte of an HPI read
Case 1d: Memory access when
DMAC is active in 32-bit mode and
tw(DSH) ≥ 26H
16
ns
Case 2a: Memory accesses when
DMAC is inactive and tw(DSH) < 10H
10H+16 – tw(DSH)
Case 2b: Memory accesses when
DMAC is inactive and tw(DSH) ≥ 10H
16
Case 3: Register accesses
16
td(DSL-HDV2)
Delay time, DS low to HDx valid for second byte of an HPI read
16
ns
th(DSH-HDV)R
Hold time, HDx valid after DS high, for a HPI read
3
5
ns
tv(HYH-HDV)
Valid time, HDx valid after HRDY high
9
td(DSH-HYL)
Delay time, DS high to HRDY low (see Note 1)
16
ns
Case 1a: Memory accesses when
DMAC is active in 16-bit mode
18H+16
ns
t
Delay time DS high to HRDY high
Case 1b: Memory accesses when
DMAC is active in 32-bit mode
26H+16
ns
td(DSH-HYH)
Delay time, DS high to HRDY high
Case 2: Memory accesses when
DMAC is inactive
10H+16
ns
Case 3: Write accesses to HPIC
register (see Note 2)
6H+16
ns
td(HCS-HRDY)
Delay time, HCS low/high to HRDY low/high
16
ns
td(COH-HYH)
Delay time, CLKOUT high to HRDY high
3
ns
td(COH-HTX)
Delay time, CLKOUT high to HINT change
5
ns
td(COH-GPIO)
Delay time, CLKOUT high to HDx output change. HDx is configured as a
general-purpose output.
6
ns
NOTES:
1. The HRDY output is always high when the HCS input is high, regardless of DS timings.
2. This timing applies when writing a one to the DSPINT bit or HINT bit of the HPIC register. All other writes to the HPIC occur
asynchronoulsy, and do not cause HRDY to be deasserted.
† DS refers to the logical OR of HCS, HDS1, and HDS2.
‡ HDx refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.).
§ DMAC stands for direct memory access (DMA) controller. The HPI8 shares the internal DMA bus with the DMAC, thus HPI8 access times are
affected by DMAC activity.
¶ GPIO refers to the HD pins when they are configured as general-purpose input/outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com