Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 10Page - Texas Instruments TMS320VC5402 Datasheet HTML 11Page - Texas Instruments TMS320VC5402 Datasheet HTML 12Page - Texas Instruments TMS320VC5402 Datasheet HTML 13Page - Texas Instruments TMS320VC5402 Datasheet HTML 14Page - Texas Instruments TMS320VC5402 Datasheet HTML 15Page - Texas Instruments TMS320VC5402 Datasheet HTML 16Page - Texas Instruments TMS320VC5402 Datasheet HTML 17Page - Texas Instruments TMS320VC5402 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
relocatable interrupt vector table (continued)
15
7654
3210
IPTR
MP/MC
OVLY
AVIS
DROM
CLK
OFF
SMUL
SST
R/W
R/W
R/W
R
R
R
R/W
R/W
LEGEND: R = Read, W = Write
Figure 2. Processor Mode Status (PMST) Registers
extended program memory
The ’5402 uses a paged extended memory scheme in program space to allow access of up to 1024K program
memory locations. In order to implement this scheme, the ’5402 includes several features that are also present
on the ’548/’549 devices:
D Twenty address lines, instead of sixteen
D An extra memory-mapped register, the XPC register, defines the page selection. This register is
memory-mapped into data space to address 001Eh. At a hardware reset, the XPC is initialized to 0.
D Six extra instructions for addressing extended program space. These six instructions affect the XPC.
–
FB[D] pmad (20 bits) – Far branch
–
FBACC[D] Accu[19:0] – Far branch to the location specified by the value in accumulator A or
accumulator B
–
FCALL[D] pmad (20 bits) – Far call
–
FCALA[D] Accu[19:0] – Far call to the location specified by the value in accumulator A or accumulator B
–
FRET[D] – Far return
–
FRETE[D] – Far return with interrupts enabled
D In addition to these new instructions, two ’54x instructions are extended to use 20 bits in the ’5402:
–
READA data_memory (using 20-bit accumulator address)
–
WRITA data_memory (using 20-bit accumulator address)
All other instructions, software interrupts and hardware interrupts do not modify the XPC register and access
only memory within the current page.
Program memory in the ’5402 is organized into 16 pages that are each 64K in length, as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com