Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237396 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237396
Description  SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237396 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237396 Datasheet HTML 1Page - PHOENIX CONTACT 1237396 Datasheet HTML 2Page - PHOENIX CONTACT 1237396 Datasheet HTML 3Page - PHOENIX CONTACT 1237396 Datasheet HTML 4Page - PHOENIX CONTACT 1237396 Datasheet HTML 5Page - PHOENIX CONTACT 1237396 Datasheet HTML 6Page - PHOENIX CONTACT 1237396 Datasheet HTML 7Page - PHOENIX CONTACT 1237396 Datasheet HTML 8Page - PHOENIX CONTACT 1237396 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, 5-position, Socket, straight, M12, coding: A, PCB mounting, THR solder
connection, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
Packaging available for automated pick and place assembly
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Additional gasket for the device when not plugged in
•
Compatible with connectors with screw or push-in connection
•
Commercial data
Item number
1237396
Packing unit
60 pc
Minimum order quantity
60 pc
Product key
ABQAGS
GTIN
4063151475017
Weight per piece (including packing)
4.875 g
Weight per piece (excluding packing)
3.498 g
Country of origin
DE
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
1237396
https://www.phoenixcontact.com/us/products/1237396
Apr 19, 2024, 6:00 AM
Page 1 (16)


Similar Part No. - 1237396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237398 PHOENIX-1237398 Datasheet
194Kb / 5P
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
More results

Similar Description - 1237396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1528280 PHOENIX-1528280 Datasheet
121Kb / 6P
Contact insert - SACC-CI-M12FS-5CON-SCO
09/11/2020
1528536 PHOENIX-1528536 Datasheet
119Kb / 6P
Contact insert - SACC-CI-M12FS-5CON
09/11/2020
1551448 PHOENIX-1551448 Datasheet
167Kb / 11P
Flush-type connector - SACC-CI-M12FS-5CON-L180-THR
09/11/2020
1551464 PHOENIX-1551464 Datasheet
1Mb / 17P
SACC-CI-M12FS-5CON-L180 - Flush-type connector
1432363 PHOENIX-1432363 Datasheet
1Mb / 18P
SACC-CI-M12FS-5CON-L180-THR SH - Contact insert
1551477 PHOENIX-1551477 Datasheet
1Mb / 17P
SACC-CI-M12FSB-5CON-L180 - Contact carrier
1441998 PHOENIX-1441998 Datasheet
939Kb / 18P
SACC-CI-M12FS-17CON-L180 THR - Contact carrier
1552230 PHOENIX-1552230 Datasheet
833Kb / 16P
SACC-CI-M12MSB-5CON-L180 THR - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1238713 PHOENIX-1238713 Datasheet
556Kb / 14P
SACC-CI-M12FSY-8CON-L180 THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com