Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237396 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1237396
Description  SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237396 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1237396 Datasheet HTML 6Page - PHOENIX CONTACT 1237396 Datasheet HTML 7Page - PHOENIX CONTACT 1237396 Datasheet HTML 8Page - PHOENIX CONTACT 1237396 Datasheet HTML 9Page - PHOENIX CONTACT 1237396 Datasheet HTML 10Page - PHOENIX CONTACT 1237396 Datasheet HTML 11Page - PHOENIX CONTACT 1237396 Datasheet HTML 12Page - PHOENIX CONTACT 1237396 Datasheet HTML 13Page - PHOENIX CONTACT 1237396 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SACC-DSIV-M12-NUTX - Housing screw connection
1239107
https://www.phoenixcontact.com/us/products/1239107
Housing screw connection, Pin, M12, Rear mounting, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
SACC-M12-SCO NUT L 90X - Housing screw connection
1237409
https://www.phoenixcontact.com/us/products/1237409
Housing screw connection, M12-SPEEDCON, Front mounting, M12 x 1, Item is
lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
1237396
https://www.phoenixcontact.com/us/products/1237396
Apr 19, 2024, 6:00 AM
Page 10 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com