Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAJ Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RAJ
Description  DC Power Jack with Rocker Switch Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RAJ Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RAJ Datasheet HTML 1Page - Apex Electronics Co., Ltd RAJ Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RAJ Series
DC Power Jack with Rocker Switch Module
01
SCHEMATIC
SPECIFICATIONS
ELECTRICAL RATING : DC 15V 5A
CONTACT RESISTANCE :
INSULATION RESISTANCE :
DIELECTRIC STRENGTH :
ELECTRICAL LIFE :
TEMPERATURE RISE AT THE TERMINAL : Max.30°C
SOLDER ABILITY OF TERMINAL :
Any Cd Pb Hg etc and it's compounds is not include in this
product
MATERIALS
CASE&HOUSING:
ACTUATOR :
CONTACT :
TERMINALS :
PIN :
1#
2#
3#
1#
2#
3#
MODEL OPTIONS
.964
24.50
.354
9.00
.555
14.10
.020
0.50
.016
0.40
.092
2.35
.010
0.25
.094
2.40
.016
0.40
.247
6.29
.112
2.85
Ø
.201
Ø
5.10
Ø
.065
Ø
.288
7.32
.400
10.16
.185
4.70
.524
13.30
1#
3#
2#
1.0x3.0
.964
24.50
.354
9.00
.555
14.10
.020
0.50
.016
0.40
.092
2.35
.010
0.25
.094
2.40
.016
0.40
.247
6.29
.112
2.85
Ø
.248
Ø
6.30
Ø
.079
Ø
.288
7.32
.400
10.16
.185
4.70
.524
13.30
1#
3#
2#
1.0x3.0
Part No. Shown: RAJ-001
Part No. Shown: RAJ-002


Similar Part No. - RAJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAJ20660AGNP RENESAS-RAJ20660AGNP Datasheet
188Kb / 16P
Integrated Driver - MOS FET (DrMOS)
RAJ240045 RENESAS-RAJ240045 Datasheet
1Mb / 67P
Integrated Li-ION Battery Managemer for 2-4 Series Cell
RAJ240045 RENESAS-RAJ240045 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240047 RENESAS-RAJ240047 Datasheet
3Mb / 67P
Integrated Li-ION Battery Management IC for 2-4 Series Cell
Feb 15, 2019
More results

Similar Description - RAJ

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com