Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAT Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RAT
Description  9.2mm diameter, rotary switch, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RAT Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RAT Datasheet HTML 1Page - Apex Electronics Co., Ltd RAT Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
2,000
0.5A, 24VDC; 0.2A, 48VDC
500 VAC for 1 minute
Materials
Materials
Housing
Cover
Actuator
Contact
Terminal
LCP
Nylon 66
Nylon 66
Gold plated
Brass
Gold plated
Brass
Part Name
Material
Miniature package for space saving
Definite detent feel
Multiple options
RoHS Compliant
Product Features
01
RAT Series
-20°C ~ 70°C
9.2mm diameter, rotary switch, through hole
Specification
350 ± 150 gram
Part Number
Rotation
No Stop
Continuous
Rotation
“ OFF ” In
Extreme Anti-
Clockwise
Position
(Position 1)
Number of Positions
Travel
Part Numbber
OFF, 1,2,3,4,5,6,7
OFF, 1,2,3,4,5,6,7
OFF, 1,2,3,4,5,6
OFF, 1,2,3,4,5
OFF, 1,2,3,4
OFF, 1,2,3
OFF, 1,2
OFF, 1
360°
315°
270°
225°
180°
135°
90°
45°
RAT-0C8
RAT-0C7
RAT-0C6
RAT-0C5
RAT-0C4
RAT-0C3
RAT-0C2
RAT-0C1
Rotation
“ OFF ” In
Extreme
Clockwise
Position
(Position 8)
Number of Positions
Travel
Part Numbber
1,2,3,4,5,6,7
1,2,3,4,5
1,2,3
315°
270°
225°
180°
135°
90°
45°
RAT-008
RAT-007
RAT-006
RAT-005
RAT-004
RAT-003
RAT-002
Please kindly note our standard is with .307(7.80) Acuator. If you need .098(2.50) Acuator, please add "D" after part namber.
NOTE: Start position is 45
° clockwise different form
RAT-001,RAT-0C
types
1,2,3,4,5,6,7,OFF
1,2,3,4,5,6
1,2,3,4
1,2


Similar Part No. - RAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAT1010X ETC2-RAT1010X Datasheet
47Kb / 1P
PAT series, RAT series, high-precision chip attenuators
RAT1010X-3DB-C-B ETC2-RAT1010X-3DB-C-B Datasheet
47Kb / 1P
PAT series, RAT series, high-precision chip attenuators
logo
HellermannTyton.
RAT20G HELLERMANNTYTON-RAT20G Datasheet
844Kb / 10P
The Award Winning Multi Purpose Cable Installation Tool
RAT30G HELLERMANNTYTON-RAT30G Datasheet
844Kb / 10P
The Award Winning Multi Purpose Cable Installation Tool
logo
TOCOSAMERICA, INC.
RAT30XD15FA100K TOCOS-RAT30XD15FA100K Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
More results

Similar Description - RAT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
CTS Corporation
209-12MSTFD CTS-209-12MSTFD Datasheet
307Kb / 2P
Through Hole DIP Switch
206-124 CTS-206-124 Datasheet
450Kb / 4P
Through Hole DIP Switch
206-221 CTS-206-221 Datasheet
386Kb / 4P
Through Hole DIP Switch
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com