Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RSH
Description  7.2*7.2mm rotary coded switch, SMD and through hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RSH Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RSH Datasheet HTML 1Page - Apex Electronics Co., Ltd RSH Datasheet HTML 2Page - Apex Electronics Co., Ltd RSH Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
0.70W x 2.75L x 1.05D
7.20
10.0
10.50
3.00
RSH Series, SMD
RSH Series, Through hole
7.20
2.15
2.54
2.54
6-0.50
7.62
6- Ø 0.80
HOLES
3.00
Ø
0.60
7.62
0.25
RSHSeries
7.2*7.2mm rotary coded switch, SMD and through hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com