Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RSH
Description  7.2*7.2mm rotary coded switch, SMD and through hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RSH Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RSH Datasheet HTML 1Page - Apex Electronics Co., Ltd RSH Datasheet HTML 2Page - Apex Electronics Co., Ltd RSH Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Rotational Torque
Positions
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
4, 10, 16
10,000 steps
250VAC for 1 minute
Materials
Materials
Base
Cover
Actuator
Contact
Terminal
Polyamide
with glass fiber
Stainless Steel
LCP
with glass fiber
Gold plated
Beryllium copper
Gold/ Tin plated
Phosphor Bronze
Part Name
Material
Available for 4, 10, 16 positions
SMD or through holes
Top or side actuated
Sharp detent feel
Washable
Product Features
01
RSHSeries
-30°C ~ 85°C
7.2*7.2mm rotary coded switch, SMD and through hole
Specification
40 ~ 200 gf.cm
Part Number
RSH
Series
Actuator Style
1 Flush, arrow indicator
2 Knurled, slotted, D shape
3 Knurled, slotted, arrow shape
8 Slotted, double deboss
Position
04 4-position
10 10-position
16 16-position
Code
R Real Code
Terminal Style
H Through hole, straight out
M SMD, gull-wing
R Through hole, right angle
Note: Please contact APEX for not listed options in terms of positions, codes, terminals, actuators, lower profile, ..., etc. Most are available upon request.


Similar Part No. - RSH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
RSH SCHURTER-RSH Datasheet
403Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, Solder
logo
Bourns Electronic Solut...
RSH BOURNS-RSH Datasheet
572Kb / 4P
RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
RSH-100 BOURNS-RSH-100 Datasheet
572Kb / 4P
RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
RSH-125 BOURNS-RSH-125 Datasheet
572Kb / 4P
RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
RSH-15 BOURNS-RSH-15 Datasheet
572Kb / 4P
RSH Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
More results

Similar Description - RSH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
ROTARY CODED SWITCHES (SMD)
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
ROTARY CODED SWITCHES (SMD)
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES (SMD)
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com