Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV11P Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RV11P
Description  11mm Rotary Potentiometer, insulated shaft
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV11P Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RV11P Datasheet HTML 1Page - Apex Electronics Co., Ltd RV11P Datasheet HTML 2Page - Apex Electronics Co., Ltd RV11P Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV11P Series
11mm Rotary Potentiometer, insulated shaft
02
Shaft Options
Part No.
LM1
L1
Part No.
LM1
L1
Part No. LA1 L1
LB Part No. LA1 L1
LB
ZF3
15
4.5
ZFC
15
4.5 BF3
12.5
7
5 BFD
20
12
5
ZF4
20
7
ZFD
20
7
BF4
15
7
5 BFE
22.5 12
5
ZF5
25
12
ZFE
25
12
BF5
17.5 12
5 BFF
25
12
5
ZF6
30
12
ZFF
30
12
BFG
30
12
5
Part No.
LM1
L1
Part No.
LM1
L1
Part No. LM1 L1
LB Part No. LM1 L1
LB
ZK3
15
0
ZKC
15
0
BF3
12.5
7
5 BKD
20
12
5
ZK4
20
7
ZKD
20
7
BF4
15
7
5 BKE
22.5 12
5
ZK5
25
12
ZKE
25
12
BF9
27.5 12
5 BKF
25
12
5
ZK6
30
12
ZKF
30
12
BKG
30
12
5
Horizontal
Vertical
Horizontal
Vertical
No Bushing
With Bushing
Flat
Knurled
LM1
L1
LM1
L1
LA1
LA1
LB
LB
L1
L1
Drawing
Model
Dimensions
Mounting hole details
Circuit
RV11PH (Single output, no bushing)
RV11PH (Dual output, no bushing)
RV11PH (Dual output, with bushing)
Available mounting height(H):12.5mm
Available mounting height(H):12.5mm
RV11PH (Single output, with bushing)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com