Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV11P Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RV11P
Description  11mm Rotary Potentiometer, insulated shaft
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV11P Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RV11P Datasheet HTML 1Page - Apex Electronics Co., Ltd RV11P Datasheet HTML 2Page - Apex Electronics Co., Ltd RV11P Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV11P Series
11mm Rotary Potentiometer, insulated shaft
01
Features
Compact size to save space
Available for dual output
Sealed construction to avoid from flux intrusion
Smooth rotaional feel
Low-cost
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.
Potentiometer Specification
How to order
RV11P
Series
Center Detent
L No detent
C With detent
Shaft & Bushing
Refer to page 2
Mounting
V Vertical
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
H Horizontal
Output
S Single
D Dual
TAP
L No tap
T With tap
Operating Temperature
-10°C to +70°C
Operating Force
30 ~ 200 gf.cm
Total Resistance(K )
5 10 20 50 100 250
500
Total Resistance Tolerance
±20%
Output
Single, dual
Detent
Center detent, no detent
Resistance Taper
Standard linear , custom linear or audio
Total Rotational Angle
300°
Power Rating
0.05W
Life Cycle
15,000


Similar Part No. - RV11P

ManufacturerPart #DatasheetDescription
logo
Trumeter Technologies
RV11-4916 TRUMETER-RV11-4916 Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV11-4916A TRUMETER-RV11-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV11-4916B TRUMETER-RV11-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV11-4916C TRUMETER-RV11-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV11-4916D TRUMETER-RV11-4916D Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - RV11P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
11mm Size Metal Shaft Low-profile Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
11mm Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
11mm Rotary Potentiometer
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com