Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS12R Datasheet (PDF) - Bourns Electronic Solutions

PRS12R Datasheet PDF - Bourns Electronic Solutions
Part # PRS12R
Download  PRS12R Download
File Size   678.54 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer

PRS12R Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS12R Datasheet PDF - Bourns Electronic Solutions

Part # PRS12R
Download  PRS12R Click to download

File Size   678.54 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer

PRS12R Datasheet (HTML) - Bourns Electronic Solutions


PRS12R Product details

Features
Various metal shaft options
Horizontal & vertical mount option
Dual-potentiometer
Audio & linear tapers
PC pin layout for board mount
RoHS compliant*




Similar Part No. - PRS12R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRS12-2DN ETC2-PRS12-2DN Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
logo
Autonics Corporation
PRS12-2DN AUTONICS-PRS12-2DN Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
logo
List of Unclassifed Man...
PRS12-2DN2 ETC2-PRS12-2DN2 Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
logo
Autonics Corporation
PRS12-2DN2 AUTONICS-PRS12-2DN2 Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
logo
List of Unclassifed Man...
PRS12-2DP ETC2-PRS12-2DP Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
More results


Similar Description - PRS12R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
12 mm Insulated Shaft Rotary Encoder with LED
logo
Bi technologies
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
24mm Rotary Type, Metal Shaft Series
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com