Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS14R Datasheet (PDF) - Bourns Electronic Solutions

PRS14R Datasheet PDF - Bourns Electronic Solutions
Part # PRS14R
Download  PRS14R Download
File Size   672.72 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 14 mm Rotary Plastic Shaft Dual-Potentiometer

PRS14R Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS14R Datasheet PDF - Bourns Electronic Solutions

Part # PRS14R
Download  PRS14R Click to download

File Size   672.72 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 14 mm Rotary Plastic Shaft Dual-Potentiometer

PRS14R Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PRS14R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-215F-S103B1 BOURNS-PRS11R-215F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-N203A3 BOURNS-PRS11R-225F-N203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S103B1 BOURNS-PRS11R-225F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S203A3 BOURNS-PRS11R-225F-S203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results


Similar Description - PRS14R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
P120K BITECH-P120K Datasheet
255Kb / 4P
12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
P140KV BITECH-P140KV Datasheet
223Kb / 4P
14mm Rotary Potentiometer Dual Unit Conductive Plastic Element With / Without Bushing Insulated Shaft RoHS Compliant
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
logo
Bi technologies
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com