Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS11R Datasheet (PDF) - Bourns Electronic Solutions

PRS11R Datasheet PDF - Bourns Electronic Solutions
Part # PRS11R
Download  PRS11R Download
File Size   766.41 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PRS11R - 11 mm Rotary Metal Shaft Potentiometer

PRS11R Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS11R Datasheet PDF - Bourns Electronic Solutions

Part # PRS11R
Download  PRS11R Click to download

File Size   766.41 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PRS11R - 11 mm Rotary Metal Shaft Potentiometer

PRS11R Datasheet (HTML) - Bourns Electronic Solutions


PRS11R Product details

Features
Flatted metal shaft option
Horizontal & vertical mount option
Audio & linear tapers
PC pin layout for board mount
Optional push momentary switch
RoHS compliant*




Similar Part No. - PRS11R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
11 mm SMD Potentiometer
PRS11S-N20F-102B1 BOURNS-PRS11S-N20F-102B1 Datasheet
317Kb / 3P
11 mm SMD Potentiometer
PRS11S-N20F-103B1 BOURNS-PRS11S-N20F-103B1 Datasheet
317Kb / 3P
11 mm SMD Potentiometer
PRS11S-N20F-104B1 BOURNS-PRS11S-N20F-104B1 Datasheet
317Kb / 3P
11 mm SMD Potentiometer
PRS11S-N20F-105B1 BOURNS-PRS11S-N20F-105B1 Datasheet
317Kb / 3P
11 mm SMD Potentiometer
More results


Similar Description - PRS11R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
24mm Rotary Type, Metal Shaft Series
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com