Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS11S Datasheet (PDF) - Bourns Electronic Solutions

PRS11S Datasheet PDF - Bourns Electronic Solutions
Part # PRS11S
Download  PRS11S Download
File Size   317.73 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 11 mm SMD Potentiometer

PRS11S Datasheet (PDF)

Go To PDF Page Download Datasheet
PRS11S Datasheet PDF - Bourns Electronic Solutions

Part # PRS11S
Download  PRS11S Click to download

File Size   317.73 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 11 mm SMD Potentiometer

PRS11S Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PRS11S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-215F-S103B1 BOURNS-PRS11R-215F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-N203A3 BOURNS-PRS11R-225F-N203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S103B1 BOURNS-PRS11R-225F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S203A3 BOURNS-PRS11R-225F-S203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results


Similar Description - PRS11S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224W-1-104E BOURNS-3224W-1-104E Datasheet
237Kb / 2P
3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224J-1-101E BOURNS-3224J-1-101E Datasheet
237Kb / 2P
3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224W-1-103E BOURNS-3224W-1-103E Datasheet
132Kb / 2P
3224 - 4 mm SMD Trimming Potentiometer
3224J-1-104E BOURNS-3224J-1-104E Datasheet
132Kb / 2P
3224 - 4 mm SMD Trimming Potentiometer
3223 BOURNS-3223 Datasheet
533Kb / 2P
3 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
3312 BOURNS-3312 Datasheet
740Kb / 3P
2 mm SMD Trimpot Trimming Potentiometer
TC33B-1-103E BOURNS-TC33B-1-103E Datasheet
258Kb / 2P
3 mm SMD Trimpot Trimming Potentiometer
TC42X-2-103E BOURNS-TC42X-2-103E Datasheet
946Kb / 1P
2 mm SMD Trimpot Trimming Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com