Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09PHXXXX103C Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RV09PHXXXX103C
Description  9mm Rotary Potentiometer, insulated shaft
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV09PHXXXX103C Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RV09PHXXXX103C Datasheet HTML 1Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 2Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 3Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 4Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV09P Series
9mm Rotary Potentiometer, insulated shaft
01
Shaft options (Single Output)
With Collar
With Bushing
Part No.
LM1
L1
Part No.
LM1
L1
NK3S
15
6
BK4S
20
20
NK4S
20
7
BK5S
25
25
NK5S
25
7
BK6S
30
30
NK6S
30
7
BK7S
35
35
NK7S
35
7
BF4S
20
7
NC2S
9.5
9.5
BF5S
25
12
NC3S
15
6
BF6S
30
12
NC4S
20
7
BF7S
35
12
NC5S
25
7
BF4S
20
7
NF3S
15
6
BF5S
25
12
NF4S
20
7
BF6S
30
12
NF5S
25
12
NF6S
30
12
NX3S
15
6
NX4S
20
7
NX5S
25
12
NX6S
30
12
Flat (300°)
Single Unit, No Bushing
Single Unit, With collar or bushing
Knurled
Flat
Flat (300°)
Knurled
Knurled with Cross Slot
Flat



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com