Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09PHXXXX103C Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RV09PHXXXX103C
Description  9mm Rotary Potentiometer, insulated shaft
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV09PHXXXX103C Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RV09PHXXXX103C Datasheet HTML 1Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 2Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 3Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 4Page - Apex Electronics Co., Ltd RV09PHXXXX103C Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV09P Series
9mm Rotary Potentiometer, insulated shaft
01
Features
Miniature 9mm diameter for space saving
Insert molded base to avoid from flux penetration
Multiple options of shaft
Dust-proof construction
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.
Potentiometer Specification
How to order
RV09P
Series
Center Detent
L No detent
C With detent
Shaft, Bushing, Output
Refer to page 2 & 3
Mounting
V Vertical
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
H Horizontal
Characteristics
Single Ouput
Dual Output
Operating Temperature
Operating Force
Total Resistance(K )
Total Resistance Tolerance
±20%
±30%
Resistance Taper
Total Rotational Angle
280°, 300°
280°
Power Rating
0.05W
0.03W
Maximum Operating Voltage
50VAC or 20VDC
50VAC
Life Cycle
5,000
10,000
-10°C to +70°C
10 ~ 80 gf.cm
5 10 20 50 100
Standard linear , custom linear or audio


Similar Part No. - RV09PHXXXX103C

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV09M APEX-ELECTRONICS-RV09M Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD103C APEX-ELECTRONICS-RV09MHXXXD103C Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD103L APEX-ELECTRONICS-RV09MHXXXD103L Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD104C APEX-ELECTRONICS-RV09MHXXXD104C Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD104L APEX-ELECTRONICS-RV09MHXXXD104L Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
More results

Similar Description - RV09PHXXXX103C

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P090 BITECH-P090 Datasheet
199Kb / 3P
9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
ALPS ELECTRIC CO.,LTD.
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com