Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09MHXXXD104C Datasheet (PDF) - Apex Electronics Co., Ltd

RV09MHXXXD104C Datasheet PDF - Apex Electronics Co., Ltd
Part # RV09MHXXXD104C
Download  RV09MHXXXD104C Download
File Size   539.29 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 9mm Rotary Potentiometer, metal shaft and bushing

RV09MHXXXD104C Datasheet (PDF)

Go To PDF Page Download Datasheet
RV09MHXXXD104C Datasheet PDF - Apex Electronics Co., Ltd

Part # RV09MHXXXD104C
Download  RV09MHXXXD104C Click to download

File Size   539.29 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 9mm Rotary Potentiometer, metal shaft and bushing

RV09MHXXXD104C Datasheet (HTML) - Apex Electronics Co., Ltd


RV09MHXXXD104C Product details

Features
Compact 9mm diameter for space saving
Metal shaft and bushing
Snap-in bracket for better support
Dual output available
Custom options available

Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.




Similar Part No. - RV09MHXXXD104C

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV09P APEX-ELECTRONICS-RV09P Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX103C APEX-ELECTRONICS-RV09PHXXXX103C Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX103L APEX-ELECTRONICS-RV09PHXXXX103L Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX104C APEX-ELECTRONICS-RV09PHXXXX104C Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
RV09PHXXXX104L APEX-ELECTRONICS-RV09PHXXXX104L Datasheet
795Kb / 5P
9mm Rotary Potentiometer, insulated shaft
More results


Similar Description - RV09MHXXXD104C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8182 BOURNS-8182 Datasheet
262Kb / 5P
Metal shaft and bushing
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P09X BITECH-P09X Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com