Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09P Datasheet (PDF) - Apex Electronics Co., Ltd

RV09P Datasheet PDF - Apex Electronics Co., Ltd
Part # RV09P
Download  RV09P Download
File Size   795.08 Kbytes
Page   5 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 9mm Rotary Potentiometer, insulated shaft

RV09P Datasheet (PDF)

Go To PDF Page Download Datasheet
RV09P Datasheet PDF - Apex Electronics Co., Ltd

Part # RV09P
Download  RV09P Click to download

File Size   795.08 Kbytes
Page   5 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 9mm Rotary Potentiometer, insulated shaft

RV09P Datasheet (HTML) - Apex Electronics Co., Ltd


RV09P Product details

Features
Miniature 9mm diameter for space saving
Insert molded base to avoid from flux penetration
Multiple options of shaft
Dust-proof construction
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.




Similar Part No. - RV09P

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV09M APEX-ELECTRONICS-RV09M Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD103C APEX-ELECTRONICS-RV09MHXXXD103C Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD103L APEX-ELECTRONICS-RV09MHXXXD103L Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD104C APEX-ELECTRONICS-RV09MHXXXD104C Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
RV09MHXXXD104L APEX-ELECTRONICS-RV09MHXXXD104L Datasheet
539Kb / 2P
9mm Rotary Potentiometer, metal shaft and bushing
More results


Similar Description - RV09P

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P090 BITECH-P090 Datasheet
199Kb / 3P
9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
ALPS ELECTRIC CO.,LTD.
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com