Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV12PLHTB104 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RV12PLHTB104
Description  12mm Rotary Potentiometer, insulated shaft, illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV12PLHTB104 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RV12PLHTB104 Datasheet HTML 1Page - Apex Electronics Co., Ltd RV12PLHTB104 Datasheet HTML 2Page - Apex Electronics Co., Ltd RV12PLHTB104 Datasheet HTML 3Page - Apex Electronics Co., Ltd RV12PLHTB104 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV12PL Series
12mm Rotary Potentiometer, insulated shaft, illumination
02
Standard LED
LED type
Circuit Diagram
Part No.
Color
Part No.
Color
1R
Red
BO
Blue-Orange
1G
Lawngreen
RG
Red-Lawngreen
1B
Blue
BG
Blue-Lawngreen
1O
Orange
1W
White
1D
Dark Orange
Single Color
Dual Color
How to order LED
Standard LED Options
Standard Shaft and Bushing
Knurled Shaft
Knurled Shaft with Bushing
Shaft angle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com