Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV12PLHTB104 Datasheet (PDF) - Apex Electronics Co., Ltd

RV12PLHTB104 Datasheet PDF - Apex Electronics Co., Ltd
Part # RV12PLHTB104
Download  RV12PLHTB104 Download
File Size   837.16 Kbytes
Page   4 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Potentiometer, insulated shaft, illumination

RV12PLHTB104 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV12PLHTB104 Datasheet PDF - Apex Electronics Co., Ltd

Part # RV12PLHTB104
Download  RV12PLHTB104 Click to download

File Size   837.16 Kbytes
Page   4 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Potentiometer, insulated shaft, illumination

RV12PLHTB104 Datasheet (HTML) - Apex Electronics Co., Ltd


RV12PLHTB104 Product details

Features
Miniature 12mm diameter for space saving
Insert molded base to avoid from flux penetration
Illuminated shaft
Dual-color LED
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.




Similar Part No. - RV12PLHTB104

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV12PG APEX-ELECTRONICS-RV12PG Datasheet
576Kb / 1P
12mm Rotary Potentiometer, insulated shaft, RGB illumination
RV12PR APEX-ELECTRONICS-RV12PR Datasheet
576Kb / 1P
12mm Rotary Potentiometer, insulated shaft, RGB illumination
More results


Similar Description - RV12PLHTB104

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P120K BITECH-P120K Datasheet
255Kb / 4P
12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
12mm Panel Potentiometer w/Illuminated Shaft
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com