Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV12PG Datasheet (PDF) - Apex Electronics Co., Ltd

RV12PG Datasheet PDF - Apex Electronics Co., Ltd
Part # RV12PG
Download  RV12PG Download
File Size   576.86 Kbytes
Page   1 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Potentiometer, insulated shaft, RGB illumination

RV12PG Datasheet (PDF)

Go To PDF Page Download Datasheet
RV12PG Datasheet PDF - Apex Electronics Co., Ltd

Part # RV12PG
Download  RV12PG Click to download

File Size   576.86 Kbytes
Page   1 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Potentiometer, insulated shaft, RGB illumination

RV12PG Datasheet (HTML) - Apex Electronics Co., Ltd


RV12PG Product details

Features
‧Miniature 12mm diameter for space saving
Insert molded base to avoid from flux penetration
Illuminated shaft via RGB LED
Bushing mounted
Custom options available
‧
‧
‧
‧
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.




Similar Part No. - RV12PG

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RV12PL APEX-ELECTRONICS-RV12PL Datasheet
837Kb / 4P
12mm Rotary Potentiometer, insulated shaft, illumination
RV12PLH APEX-ELECTRONICS-RV12PLH Datasheet
837Kb / 4P
12mm Rotary Potentiometer, insulated shaft, illumination
RV12PLHBB103 APEX-ELECTRONICS-RV12PLHBB103 Datasheet
837Kb / 4P
12mm Rotary Potentiometer, insulated shaft, illumination
RV12PLHBB104 APEX-ELECTRONICS-RV12PLHBB104 Datasheet
837Kb / 4P
12mm Rotary Potentiometer, insulated shaft, illumination
RV12PLHBB203 APEX-ELECTRONICS-RV12PLHBB203 Datasheet
837Kb / 4P
12mm Rotary Potentiometer, insulated shaft, illumination
More results


Similar Description - RV12PG

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P120K BITECH-P120K Datasheet
255Kb / 4P
12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
12mm Panel Potentiometer w/Illuminated Shaft
logo
Bourns Electronic Solut...
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
14 mm Rotary Plastic Shaft Dual-Potentiometer
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com