Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAW19-A0R1016-A Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # MAW19-A0R1016-A
Description  Metal pushbutton switch, high current, 1 million cycles, IP67, IK08
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MAW19-A0R1016-A Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  MAW19-A0R1016-A Datasheet HTML 1Page - Apex Electronics Co., Ltd MAW19-A0R1016-A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
MAW19 Series
Metal pushbutton switch, high current, 1 million cycles, IP67, IK08
.61
15.6
M19x1.0
BODY TYPE
BUTTON TYPE
H HIgh Button
R Round Button (Without LED only)
F Flat Button
A0/C3
.08
2.00
.08
2.00
.08
2.00
Ø
.61
Ø
15.50
.08
2.00
.08
2.00
LIGHT TYPE
E Ring Moveable
D Spot
P Power logo
L Ring+Power logo
0 Without LED
*
Flat botton for L light type only.
*
Flat botton for E light type only.
Ø
.755
Ø
19.10 min.
Max.Panel thickness: 10.0mm[.39]
PANEL MOUNTING
Ø
.87
Ø
22.0
Actuator
Ø
.61
Ø
15.5
Ø
.87
Ø
22.0
Actuator
Ø
.87
Ø
22.0
Actuator
Ø
.87
Ø
22.0
Actuator
Ø
.87
Ø
22.0
Actuator
Illuminated ring
Illuminated power logo
Ø
.61
Ø
15.5
Ø
.51
Ø
13.0
Ø
.61
Ø
15.5
Illuminated ring
Ø
.39
Ø
10.0
Ø
.61
Ø
15.5
Illuminated spot
Illuminated ring
Illuminated power logo
Ø
.61
Ø
15.5
Ø
.51
Ø
13.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com