Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAW19-A0R1016-A Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MAW19-A0R1016-A
Description  Metal pushbutton switch, high current, 1 million cycles, IP67, IK08
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MAW19-A0R1016-A Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MAW19-A0R1016-A Datasheet HTML 1Page - Apex Electronics Co., Ltd MAW19-A0R1016-A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
MAW19 Series
Metal pushbutton switch, high current, 1 million cycles, IP67, IK08
MAW19
HOW TO ORDER
MODEL NO. BODY
TYPE
OPERATING
TYPE
LED
COLOR
BUTTON
TYPE
LIGHT
TYPE
LED
VOLTAGE
MICRO
SWITCH
TYPE
RATING CONNECT
FORMS
TERMINAL
TYPE
Operating type
Button type
F
H
R
Flat
High
Round (Without LED only)
0
1
Momentary
Lock
Micro switch type
A
Standard (D-Logo)
Rating
1
3
16A
26A(Only for terminal A type)
Connect forms
Z
T
D
SPDT
SPST-NO
SPST-NC
Light type
LED Voltage (20mA)
Terminal type
A
B
#250
Quick-connect
terminal (t=0.8)
#187
Quick-connect
terminal(t=0.8)
1
3
5
6
7
Red
White
0
Without LED
Green
Blue
Yellow
COLOR
ITEM NO
LED Color
3
6
12
24
110
6V
3V
0
Without
resistor
24V
36
36V
110V
220
220V
12V
VOLTAGE
ITEM NO
Body type
A0
C3
Stainless (Natural)
Al alloy (Black Anodized)
EXAMPLE:
MAW19-A0R0000-A3ZA(Without LED)
MAW19-A0F0E
-A3ZA
LED voltage
LED color
DUAL COLOR LED
Red&Green
A
Red&Blue
B
0
E
L
P
D
Without LED
Ring Moveable
(Flat botton only)
Ring+Power logo
(Flat botton only)
Power logo
Spot
SPECIFICATIONS
RATING : 16A, 26A 250/125VAC.
CONTACT RESISTANCE :
INSULATION RESISTANCE :
DIELECTRIC STRENGTH :
OPERATION TEMPERATURE : -25°C to 85°C
MECHANICAL LIFE : Momentary 1,000,000 cycles
Latching 500,000 cycles
ELECTRICAL LIFE : 16A /125&250VAC 50,000 CYCLES
26A /125&250VAC 10,000 CYCLES
OPERATION PRESSURE : 3.5±1.5N
TRAVEL : About 3.2mm
INGRESS PROTECTION : IP67, IK08(Stainless)
TORQUE: 1~3Nm.
MATERIALS
BUSHING : Stainless Steel / Aluminum alloy
BASE : PBT(UL 94-V0) , PC(UL 94-V2)
ACTUATOR : PC ; Stainless Steel / Aluminum alloy
INNER ASSEMBLY : POM / PA66.
SPRING : Steel.
SEALING : Sillicone.
O-Ring : Sillicone.
TERMINAL: Brass ,Silver plated.
HEX NUT : Nickel plated brass.


Similar Part No. - MAW19-A0R1016-A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MAW-1201-22 LAMBDA-MAW-1201-22 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-1202-22 LAMBDA-MAW-1202-22 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-1203-22 LAMBDA-MAW-1203-22 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-1205-22 LAMBDA-MAW-1205-22 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-12R5 LAMBDA-MAW-12R5 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
More results

Similar Description - MAW19-A0R1016-A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
75,000 to 1 Million System Gates
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com