Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

153CMQ080 Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # 153CMQ080
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

153CMQ080 Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  153CMQ080 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N1237, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
153CMQ...SERIES
Mechanical Dimensions TO-249(9pin) (Inches/Millimeters)
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
60.38
61.58
2.377
2.424
B
8.38
10.16
0.330
0.400
C
2.77
3.57
0.109
0.141
D
37.00
38.20
1.457
1.504
E
0.62
1.32
0.024
0.052
F
6.35
0.250
G
1.27
0.050
H
50.80
2.000
I
6.35
0.250
J
12.70
0.500
K
3.38
4.23
0.133
0.167
L
4.35
5.05
0.171
0.199
M
24.90
25.90
0.980
1.020
N
0.64
1.26
0.025
0.050
O
11.80
13.51
0.465
0.532
P
0.69
1.34
0.027
0.053
Marking Diagram
Where XXXX is YYWW
1st row SS YYWW
2nd row 153CMQ080
3rd row 1 2 3 (pin)
SS
= SS
YY
= Year
WW
= Week
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com