Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

153CMQ080 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 153CMQ080
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

153CMQ080 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  153CMQ080 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 153CMQ080 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1237, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
153CMQ...SERIES
153CMQ080/153CMQ100 SCHOTTKY RECTIFIER
Features
Schematic & Pin Configuration
Applications
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
80
153CMQ080
V
100
153CMQ100
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC =90°C,
rectangular wave form
75(Per Leg)
A
150(Per Device)
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse
864
A
Non-Repetitive Avalanche Energy
(Peg Leg)
EAS
TJ=25℃,IAS=1A,L=30mH
15
mJ
Repetitive Avalanche Current(Peg Leg)
IAR
Current decaying linearly to zero
in 1 μsec Frequency limited by TJ
max. VA=1.5×VR typical
1
A
175 C TJ operation
Isolated heatsink
Multiple leads per terminal for high frequency, high
current PC board mounting
Low profile, high current package
Center tap module
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Base plate: Nickel plated; Terminals: Nickel plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
TO-249(9Pin)
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection


Similar Part No. - 153CMQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
153CMQ080 IRF-153CMQ080 Datasheet
44Kb / 4P
SCHOTTKY RECTIFIER
logo
Microsemi Corporation
153CMQ080 MICROSEMI-153CMQ080 Datasheet
149Kb / 2P
SCHOTTKY POWERMOD
153CMQ080 MICROSEMI-153CMQ080 Datasheet
120Kb / 2P
Schottky Powermod
logo
Sangdest Microelectroni...
153CMQ080 SMC-153CMQ080 Datasheet
278Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 153CMQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com