Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRM Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SRM
Description  Miniature rocker switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRM Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SRM Datasheet HTML 1Page - Apex Electronics Co., Ltd SRM Datasheet HTML 2Page - Apex Electronics Co., Ltd SRM Datasheet HTML 3Page - Apex Electronics Co., Ltd SRM Datasheet HTML 4Page - Apex Electronics Co., Ltd SRM Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRM Series
Miniature rocker switches
01
HOW TO ORDER
R1
R2
R3
(STD) Rocker,
7.62 wide , 14.73 length
(STD) Rocker,
5.84 wide , 14.73 length
5.84 wide , 10.23 length
SRMS1 SP On-None-On
SRMS2 SP On-None-Mom.
SRMS3 SP On-Off-On
SRMS4 SP Mom.-Off-Mom.
SRMS5 SP On-Off-Mom.
SRMS6 SP Off-None-On
SRMD1 DP On-None-On
SRMD2 DP On-None-Mom.
SRMD3 DP On-Off -On
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS TERMINAL
PLATING
SEAL
E EPOXY (std)
N NO EPOXY
M1
M2
M5
M6
M6N
M7
M7N
VS2
V2N
VS3
V3N
Solder Lug
PC thru-hole
wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
Vertical right angle, snap-in, PC thru-hole
8.94 high, V-bracket
8.94 high, snap-in V-bracket
8.94 high, V-bracket
8.94 high, snap-in V-bracket
Terminations
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
Actuator marking
ACTUATOR
MARKING
J
5
7
9
8
6
ON/OFF
2
1
01
02
03
04
05
06
07
08
09
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Actuator color
ACTUATOR
COLOR
RoHS Compliant
RoHS & Lead Free
S
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 69.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
ACTUATOR: Nylon,black std.
BUSHING: Brass or Zinc,nickel plated.
HOUSING: Stainless Steel.
SWITCH SUPPORT: SUS or Brass,tin plated.
TERMINAL/CONTACT: Copper alloy or Brass,with silver or gold
plated.(See Page 69)
*
Besides standard color,
other colors need to check
stocks available.


Similar Part No. - SRM

ManufacturerPart #DatasheetDescription
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
logo
Winchester Electronics ...
SRM WINCHESTER-SRM Datasheet
4Mb / 93P
Rack & Panel
logo
Pro-Power
SRM PROPOWER-SRM Datasheet
187Kb / 2P
SRM Series Semi-Rigid, Adhesive-Lined, Polyolefin Heat Shrink Tubing
V1.1 23/05/17
SRM-008-4025-BLK PROPOWER-SRM-008-4025-BLK Datasheet
187Kb / 2P
SRM Series Semi-Rigid, Adhesive-Lined, Polyolefin Heat Shrink Tubing
V1.1 23/05/17
SRM-008-6014-BLK PROPOWER-SRM-008-6014-BLK Datasheet
187Kb / 2P
SRM Series Semi-Rigid, Adhesive-Lined, Polyolefin Heat Shrink Tubing
V1.1 23/05/17
More results

Similar Description - SRM

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com