Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRU Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # SRU
Description  Miniature rocker switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRU Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  SRU Datasheet HTML 1Page - Apex Electronics Co., Ltd SRU Datasheet HTML 2Page - Apex Electronics Co., Ltd SRU Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRU Series
Miniature rocker switches
03
M6
DPDT
P.C. MOUNTING
Part No. Shown : SRUD1R202M6RNS
M6
SPDT
P.C. MOUNTING
Part No. Shown : SRUS1R102M6RNS
M7
DPDT
P.C. MOUNTING
Part No. Shown : SRUD1R202M7RNS
M7
SPDT
P.C. MOUNTING
Part No. Shown : SRUS1R102M7RNS
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
SOLDERING PROCESSES
28°
.200
5.08
.302
7.68
.108
2.75
.177
4.50
.118
2.98
.092
2.33
.200
5.08
.295
7.50
.010
0.25
.203
5.15
.114
2.90
.276
7.00
.020
0.50 Typ
.100
2.54 Typ
.020
0.50 Typ
4
6
5
4
6
5
.200
5.08
.200
2.54 Typ
.200
2.54
28°
.200
5.08
.402
10.22
.100
2.54 Typ
.108
2.75
.177
4.50
.010
0.25
.149
3.79
.118
3.00
.200
5.08
.295
7.50
.010
0.25
.203
5.15
.276
7.00
.020
0.50
.203
2.90
.020
0.50 Typ
4
5
6
4
6
5
3
2
1
1 2 3
.100
2.54 Typ
.200
5.08
.100
2.54
.149
3.79
.100
2.54 Typ
.502
12.76
.200
5.08
28°
.020
0.50 Typ
.010
0.25
.108
2.75
.301
7.65
.177
4.50
.197
5.00
.008
0.20 Typ
.020
0.50 Typ
.100
2.54
.163
4.15
.118
3.00
.100
2.54
.012
0.30 Typ
1
2
3
4
5
6
4
6
5
1
2
3
.100
2.54
.200
5.08
.100
2.54
28°
.091
2.30
.100
2.54 Typ
.502
12.76
.200
5.08
.010
0.25
.108
2.75
.020
0.50 Typ
.503
1.34
.301
7.65
.177
4.50
.197
5.00
.008
0.20 Typ
.020
0.50 Typ
.100
2.54
.163
4.15
.118
3.00
.100
2.54
.012
0.30 Typ
4
5
6
4
6
5
.200
5.08
.100
2.54 Typ
.200
5.08
4
5
6
.010
0.25
Ø
0.60
Dia Typ
Ø
0.60
Dia Typ
Ø
0.60
Dia Typ
Ø
0.60
Dia Typ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com