Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRU Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SRU
Description  Miniature rocker switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRU Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SRU Datasheet HTML 1Page - Apex Electronics Co., Ltd SRU Datasheet HTML 2Page - Apex Electronics Co., Ltd SRU Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRU Series
Miniature rocker switches
01
SPECIFICATIONS
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL LIFE: 40,000 make-and-break cycles.
CONTACT RESISTANCE: 100 m typ. initial @ 2-4VDC,100mA.
INSULATION RESISTANCE: DC500V 500 M .
DIELECTRIC STRENGTH: 500 Vrms min@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING : Glass filled nylon 6/6,flame retardant,
heat stabilized (UL94V-0).
ACTUATOR: Nylon,black std.
SWITCH SUPPORT: Brass or steel,tin plated.
CONTACTS/TERMINALS: Gold plated copper alloy.
R1
R2
(STD) Rocker
(STD) Lever
SRUS1 SP On-None-On
SRUD1 DP On-None-On
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS
TERMINAL
MATERIAL
SEAL
N NO EPOXY
M2
M5
M6
M7
PC thru-hole
wire wrap
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
Terminations
Terminal
material
R Gold
Seal
Model NO.
Actuator
01
02
03
04
05
06
07
08
09
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Actuator color
ACTUATOR
COLOR
See below
N
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - SRU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SRU COOPER-SRU Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Ningbo songle relay co....
SRU SONGLERELAY-SRU Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRU-12VDC-FD-A SONGLERELAY-SRU-12VDC-FD-A Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRU-12VDC-FD-B SONGLERELAY-SRU-12VDC-FD-B Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRU-12VDC-FD-C SONGLERELAY-SRU-12VDC-FD-C Datasheet
3Mb / 2P
Miniature volume, PCB usage
More results

Similar Description - SRU

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com