Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBS3 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SRBS3
Description  Miniature rocker switches,IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRBS3 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SRBS3 Datasheet HTML 1Page - Apex Electronics Co., Ltd SRBS3 Datasheet HTML 2Page - Apex Electronics Co., Ltd SRBS3 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRB Series
Miniature rocker switches,IP67
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 77.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6,flame retardant,
heat stabilized (UL94v-0).
ACTUATOR: Nylon black std,internal O-ring seal standard witch
all actuators.
SWITCH SUPPORT: Brass,tin plated.
CONTACT / TERMINALS: Copper alloy,with Silver or gold plated.
(See Page 77)
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
R202 (STD) Rocker
Model NO.
SRBS1 SP On-None-On
SRBS2 SP On-None-Mom.
SRBS3 SP On-Off-On
SRBS4 SP Mom.-Off-Mom.
SRBS5 SP On-Off-Mom.
Actuator
E EPOXY (std)
MT
MZ
(STD) Right angle, surface mount.
(STD)
Terminations
RoHS
Soldering
Terminal plating
Q Gold flash over silver
R Gold
C Gold over silver
Seal
RoHS Compliant
RoHS & Lead Free
S
E
HOW TO ORDER


Similar Part No. - SRBS3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SRBS-Q1-10-E270-EP-1-S-M8 FESTO-SRBS-Q1-10-E270-EP-1-S-M8 Datasheet
106Kb / 2P
Position sensor
SRBS-Q12-6-E270-EP-1-S-M8 FESTO-SRBS-Q12-6-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
logo
PANDUIT CORP.
SRBS19BL-XY PANDUIT-SRBS19BL-XY Datasheet
735Kb / 3P
Mini-Com짰 Modular Patch Panels with Faceplates
More results

Similar Description - SRBS3

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com