Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLRL103CVT Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SPLRL103CVT
Description  Round pushbutton switch, 5 million cycles, optional LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPLRL103CVT Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SPLRL103CVT Datasheet HTML 1Page - Apex Electronics Co., Ltd SPLRL103CVT Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPLR Series
Round pushbutton switch, 5 million cycles, optional LED
01
General Specifications
Circuit
Current Rating
Contact Resistance
Insulation Resistance
Operating Force
Total Travel
Operating Life
Operating Temperature
Solder Specifications
Materials
Cover
Cap
Reflector
Base
Lamp Term.
Act. Dome
End Term.
:SPST
:50mA @ 12VDC
:100mOhm Max.(initial)
:100MOhm Min.
:300gf 50gf
:0.3mm 0.1mm
:5,000,000 cycles Min.
:-25 deg.~+60 deg.
:260 deg. for 3 seconds
:Polycarbonate (PC)
:Polycarbonate (PC) or
Acrylonitrile Butadine Styrene(ABS)
:Polycarbonate (PC)
:Polyamide (PA)
:Phosphor bronze (PBS) with gold plating
:Phosphor bronze (PBS) with silver plating
:Brass with gold plating
EXAMPLE : SPLR-1-01-VA T
Illuminated tact switch -Red cap-Red led-Transparent VAT cover.
--
VAT Flat
Without Cover
CVT Concave
Cover style
SPLR
Function Code
LED
Indicator
L
-- Illuminated
Tactile Switches
Cap Colors
1
2
3
4
T
6
7
Red
Yellow
Green
White
Transparent
Orange
Blue
A
B
Ice
Snow
"*" not standard type
please inquire first
LED Colors
01
S2S
03
S3
P3S
4S
7S
17
1P3
P37
Red
Super Yellow
Green
Super Green
Pure Green(single)
White (single)
Blue (single)
Red/Blue*
Red/Pure Green*
Pure Green/Blue*
Standard switch unit
Switch with VAT cover
Switch with CVT cover
5.0
10.16
dia. 15.0
7.62
12.5
dia 15.0
dia 17.0
dia 17.0
HOW TO ORDER
DIMENSION


Similar Part No. - SPLRL103CVT

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Source Photonics, Inc.
SPL-34-GB-BD-CDA SOURCE-SPL-34-GB-BD-CDA Datasheet
527Kb / 7P
SFP Bi-Directional Transceiver
SPL-34-GB-BD-CNA SOURCE-SPL-34-GB-BD-CNA Datasheet
527Kb / 7P
SFP Bi-Directional Transceiver
SPL-34-GB-BD-TDA SOURCE-SPL-34-GB-BD-TDA Datasheet
527Kb / 7P
SFP Bi-Directional Transceiver
More results

Similar Description - SPLRL103CVT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
PB59 GREATECS-PB59 Datasheet
361Kb / 4P
Silent Pushbutton Switch with LED
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com