Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP866-DOC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP866-DOC
Description  8 Channel Serial Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP866-DOC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP866-DOC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP866 is an IndustryPack
 compatible module
providing eight channels of high performance serial
interface. Three different modules are available. The
TIP866-10 provides RS232 interface, the TIP866-11 offers
TTL level interface and the TIP866-20 provides RS422
interface. Each channel has a 64 byte transmit FIFO and a
64 byte receive FIFO to significantly reduce the overhead
required to provide data to and get data from the
transmitters and receivers. The FIFO trigger levels are
programmable.
The TIP866-10 and -11 support RxD, TxD, RTS, CTS and
GND for each of the eight RS232 channels. The TIP866-20
supports RxD+/-, TxD+/- and GND for each of the eight
RS422 channels.
The
baud
rate
is
individually
programmable
up
to
115.2kbaud for the TIP866-10 and up to 460.8kbaud for
the TIP866-11 and -20. The TIP866-10 and -20 use ESD
protected transceivers (up to +/-15KV according to IEC
1000-4-2).
The transition module TIP866-TM-10 provides 8 DB-25
connectors mounted in a 6U 8TE front panel. The TIP866-
TM-20 provides 8 RJ45 connectors mounted in a 6U 4TE
front panel. The TIP866-TM-30 provides 16 4-pin RJ
connectors mounted in a 6U 4TE front panel.
For
First-Time-Buyers
the
engineering
documentation
TIP866-ED
is
recommended.
The
engineering
documentation includes TIP866-DOC, schematics and data
sheets.
Serial line driver software TIP866-SW-xx is available for
different operating systems.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 8 channels serial interface
! Support of RxD, TxD, RTS, CTS, GND per channel for
TIP866-10 and -11; support of RXD+/-, TXD+/- and
GND for TIP866-20
! Programmable baud rates up to 115.2KBaud for
TIP866-10 and up to 460.8KBaud for TIP866-11 and -
20
! 64 byte transmit FIFO per channel
! 64 byte receive FIFO per channel
! ESD protected RS232 and RS422 interface (up to +/-
15KV according to IEC 1000-4-2)
Control
Logic
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
RS232/422 Interface
4 Channel Serial
Communication Controller
with 64 byte T/R FIFO
per Channel
ID-PROM
RS232/422 Interface
TIP866-10 RS232 only
TIP866-20 RS422 only
4 Channel Serial
Communication Controller
with 64 byte T/R FIFO
per Channel
Order Information
TIP866-10
8 Channel Serial RS232 Interface
TIP866-11
8 Channel Serial TTL Interface
TIP866-20
8 Channel Serial RS422 Interface
TIP866-DOC
User Manual
TIP866-EK
Engineering kit, includes TIP866-DOC
TIP866-TM-10
Transition Module for TIP866, provides 8
DB-25 Connectors in front panel
TIP866-TM-10-DOC User Documentation for TIP866-TM-10
TIP866-TM-20
Transition Module for TIP866, provides 8
RJ45 connectors in front panel
TIP866-TM-20-DOC User Documentation for TIP866-TM-20
TIP866-TM-30
Transition Module for TIP866, provides
16 4-pin RJ connectors in front panel
TIP866-TM-30-DOC User Documentation for TIP866-TM-30
TIP866-IO-10
Mounting Rail I/O Module with 8 DB-9
TIP866-IO-10-DOC User Documentation for TIP866-IO-10
TIP866-SW-12
OS-9 Software Support
TIP866-SW-32
pSOS Software Support
TIP866-SW-42
VxWorks Software Support
TIP866-SW-62
Windows NT 4.0 Software Support
TIP866-SW-72
LynxOS Software Support
TIP866-SW-82
LiNUX Software Support
TIP866-SW-92
QNX 4 Software Support
TIP866-SW-95
QNX 6 Software Support
TIP866 8 Channel Serial Interface RS232 / TTL / RS422


Similar Part No. - TIP866-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP866-DOC TEWS-TIP866-DOC Datasheet
186Kb / 2P
8 Channel Serial Interface RS232 / TTL / RS422
2017-08-24
More results

Similar Description - TIP866-DOC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
logo
Linear Technology
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Texas Instruments
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com