Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-393SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-393SMB
Description  GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-393SMB Datasheet(HTML) 2 Page - Tyco Electronics

  SW-393SMB Datasheet HTML 1Page - Tyco Electronics SW-393SMB Datasheet HTML 2Page - Tyco Electronics SW-393SMB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPST High Isolation Terminated Switch
0.5 - 2.0 GHz
SW-393
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Electrical Specifications
8: T
A = 25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 2.0 GHz
dB
—
1.6
1.8
Isolation
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
50
40
53
42
—
—
VSWR
0.5 - 1.5 GHz
0.5 - 2.0 GHz
Ratio
Ratio
—
—
1.5:1
1.7:1
—
—
1 dB Compression
Input Power, +5 V Control/Supply
0.5 GHz
0.9 GHz
1.5 GHz
dBm
dBm
dBm
—
—
—
25
25
26
—
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µs
—
2
—
Ton, Toff
50% Control to 90% RF, Control to 10% RF
µs
—
2
—
Transients
In-Band
mV
—
26
—
Input IP2
2-Tone, 5 MHz spacing, +10 dBm each
0.5 GHz
0.9 GHz
dBm
dBm
—
—
53
58
—
—
Input IP3
2-Tone, 5 MHz spacing, +10 dBm each
0.5 GHz
0.9 GHz
dBm
dBm
—
—
39
38
—
—
8.
All measurements taken at 900 MHz in a 50 Ω system unless otherwise specified. Loss varies at 0.003 dB/°C.
SOIC-8
†
†
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com